Part Number Hot Search : 
HER08 3DD5040 N0417 MT4600 SMBJ160 A1972 P2010 2SAR554P
Product Description
Full Text Search
 

To Download BAT43WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Schottky Barrier Diodes
BAT43WS
Surface mount small signal type
Extermely thin package Low stored charge Majority carrier conduction
R0.3 (0.012) Typ.
Formosa MS
0.087 (2.2) 0.071 (1.8) 0.012(0.3) Typ.
0.055 (1.4) 0.039 (1.0)
0.043 (1.1) 0.028 (0.7)
Mechanical data
Case : Molded plastic, 0805 Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by cathode band Mounting Position : Any Weight : 0.000159 ounce, 0.0045 gram
0805
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
PARAMETER Repetitive peak reverse voltage RMS Reverse voltage Mean rectifying current Forward surge current Power dissipation Capacitance between terminals Storage temperature Operating temperature f=1MHz and applied 10VDC reverse voltage 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) CONDITIONS Symbol VRRM VR(RMS) IO IFSM Pd CT TJ TSTG -55 -55 MIN. TYP. MAX. 40 21 100 4.0 200 10 +125 +125 UNIT V V mA A mW pF
o o
C C
ELECTRICAL CHARACTERISTICS (AT TA=25oC unless otherwise noted)
PARAMETER Forward voltage Forward voltage Forward voltage Reverse current Reverse current IF = 2.0 mA DC IF = 15 mA DC IF = 200 mA DC VR = 25 V VR = 25 V , Tj =100 o C CONDITIONS Symbol VF VF VF IR IR MIN. 0.26 TYP. MAX. 0.33 0.45 1.00 500 100 UNIT V V V nA uA
RATING AND CHARACTERISTIC CURVES (ASD500V)
FIG.1-TYPICAL FORWARD CHARACTERISTICS 1000m
INSTANTANEOUS FORWARD CURRENT,(A)
FIG.2 - TYPICAL REVERSE CHARACTERISTICS 100
O
Typ. pulse measurement
100m 10m 1m 100u 10u 1u
Ta =
REVERSE CURRENT , (uA)
Ta = 125 C 10 Ta = 75 C
O
5C
O
12
Ta = 75 C
O
1 Ta = 25 C 100n Ta = -25 C Typ. pulse measurement 5 10 15 20 25 30 35
REVERSE VOLTAGE , (V)
O O
Ta = 25 C Ta = -25 C
O
O
10n
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1n 0
FORWARD VOLT AGE,(V)
FIG.3-TYPICAL TERMINALS CAPACITANCE 100
CAPACITANCE BETWEEN TERMINALS ,(pF)
50
Ta = 25 C f = 1MHz
O
20 10 5
2 1 0
2
4
6
8
10
12
14
REVERSE VOLTAGE , (V)


▲Up To Search▲   

 
Price & Availability of BAT43WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X